Part Number Hot Search : 
BR104 PCF0330 21009 TI100422 SP568 P3002AAL 04447 AT89C5
Product Description
Full Text Search
 

To Download SSE-100D-EMB-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  serial device servers - embedded boards key features includes the fastest and easiest installation wizard available a built-in web server makes configuration and support available via web browser serial baud rates to 115.2kbps and auto- negotiating 10/100 ethernet support means fast serial and network data transfers freescale tm architecture is the industry standard in networking solutions surge suppression standard operating modes such as serial tunneling, ip multicast, virtual com ports and other protocols provides true flexibility and easy integration a powerpc? processor eliminates data bottlenecks and common latency issues snmp support for simple network management 5 year warranty designed, manufactured and supported by quatech in the usa embedded high speed usb 2.0 serial adapters for custom enclosures when you need the ultimate in device server performance, ease of use and reliability, specify quatech, featuring the highest throughput and lowest latency available in device server technology now, quatech offers embedded device server boards. ideal for oem solutions, custom enclosures and other situations where the external device server shell is not needed, quatech embedded device servers offer all the industry-leading features as an external line. quatech, the performance leader in device networking, makes it easy to get started an intuitive installation wizard gets you up and running quickly, automatically searching local and remote subnets for installed device servers within seconds of inserting the installation cd-rom. any network settings automatically assigned by dhcp networks are displayed for confirmation, or enter a static ip address easily using the installation wizard C you wont need to bother with telnet sessions, mac address data entry or special cables. quatech device servers may be managed through the windows? device manager interface or a web browser, so you can count on trouble-freeconfiguration and maintenance long after the initial installation is completed. the emb series is available rs-232 with 1 and 2 port configurations. surge suppression is standard. each model is designed to use the same drivers, manuals and installation wizard to simplify deployment and use. overcome the limitations of serial protocols by networking-enabling your devices serial (rs-232) devices are used in virtually all industries. yet, while serial protocols have proven to be reliable and robust, there are drawbacks C cable lengths are limited and expensive, com ports are often in short supply on the host pc, and the attached serial devices are not remotely accessible for monitoring, service or support. a quatech embedded device server overcomes all these limitations. its hardware and drivers are invisible to connected serial devices and their software applications, routing data through an ip network to virtual com ports installed on the host pc by the installation wizard. industry-leading performance at a budget-friendly price the emb series models offer the same low latency, high throughput performance as our flagship 100 and 400 series device servers. you wont find a device server with a better price:performance ratio anywhere! 5675 hudson industrial parkway * hudson, oh 44236 1.800.553.1170 * +1 330.655.9000 * www.quatech.com rev 1.0, 11/2006
embedded serial device server specifications 5675 hudson industrial parkway * hudson, oh 44236 1.800.553.1170 * +1 330.655.9000 * www.quatech.com rev. a 11/2006 ordering information each port is a fully independent asynchronous dte serial port with: * full modem control * hardware flow control * available 10-pin rj-45 adapter for db-9m connector lan interface 10/100 base t (ieee 802.3) auto-negotiation, auto mdi/mdix and rj-45 ethernet connector os support device drivers provided for windows nt, windows 2000, windows xp and linux raw tcp, raw udp (including broadcast and multicast), tunneling, autotcp and intellisock modes are o/s dependent please check quatechs web site for the latest o/s driver support information speed each serial port supports data transfer speeds of up to 115.2 kbps, depending on flow control protocols used, cable length and condition, and other factors surge suppression st andard for emb models surge suppressor is capable of sustaining up to 40-a peak, 8 x 20s transient surges, a clamping voltage of 30v and a peak energy dissipation of 0.1 joules. db-9 male serial connector, external view signal information: receiver inputs: rs-232 voltage rating: -15v, +15v receiver skew: 120 ns (typical), 250 ns (max) transceiver outputs: rs-232 high level output: +5v (min), +5.4v (typ) low level output: -5v (min), -5.4v (typ) transmitter skew: 50 ns (typ), 200 ns (max) parity, stop bits: parity configurable as: none, even, odd data bits configurable as: 5, 6, 7, 8 stop bits configurable as: 1, 1.5, 2 protocols and software: management: udp, tcp/ip, http, dhcp, arp, icmp, snmp (mib ii) initial ip address configuration: dhcp, static ip (set through installation wizard) or a custom udp datagram utility (with command line interface) for unattended installations quatech provides several ways to manage, monitor and configure device servers after installation: * windows? device manager (quatech device manager in windows nt) * on-board html pages accessible from a standard web browser * simple network management protocol (snmp) * intellisock? tcp socket services communication modes: normal, tunneling, raw tcp, auto tcp, raw udp and intellisock tcp advanced socket services hardware: processor: freescale tm powerpc? sdram: 8 mb flash memory: 2 mb firmware stored in flash may be upgraded via lan interface typical power consumption +5v, 0.4a (4w) environment operating: 0 to 70c storage: -40 to780 c humidity: 10% to 90% non-condensing size sse/dse-100d-emb: height: .61 (1.54 cm) width: 3.50 (8.89 cm) depth: 4.50 (11.43 cm) certifications fcc, ce accessories db-9m to screw terminal adapters international power cords model ports interface sse-100d-emb 1 rs-232 w/ db-9 male dse-100d-emb 2 rs-232 w/ db-9 male rs-232 db-9m pin # dcd 1 rxd 2 txd 3 dtr 4 gnd 5 dsr 6 rts 7 cts 8 ri 9


▲Up To Search▲   

 
Price & Availability of SSE-100D-EMB-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X